PART |
Description |
Maker |
PIC16F73-I/SPVAO |
8-bit PIC Microcontrollers
|
Microchip
|
PIC16F18346-I/GZC01 |
8-bit PIC Microcontrollers
|
Microchip
|
PIC16F688-I/SLGVAO PIC16F688T-I/SLGVAO |
8-bit PIC Microcontrollers
|
Microchip
|
PIC16C54C-04I/PGVAO |
8-bit PIC Microcontrollers
|
Microchip
|
PIC18F1230-I/PXXX PIC18F1330-I/PXXX |
8-bit PIC Microcontrollers
|
Microchip
|
PIC18F87K22T-I/PT |
8-bit PIC Microcontrollers
|
Microchip
|
PIC16F616 PIC12HV609 PIC16F610 PIC12F609 PIC12F615 |
8-bit PIC? Microcontrollers with High Voltage Support and Fan Control Capabilities
|
Microchip Technology
|
MC68HC11E0MFN2 MC68HC11E20MFN2 MC68HC11E9FN3 MC68H |
(MC68HC711E Series) Microcontrollers Microcontrollers 8-BIT, MROM, 3 MHz, MICROCONTROLLER, PQFP52 Microcontrollers 8-BIT, EEPROM, 3 MHz, MICROCONTROLLER, PQFP64 Microcontrollers 8-BIT, EEPROM, 2 MHz, MICROCONTROLLER, PQFP64 Microcontrollers 8-BIT, MROM, 2 MHz, MICROCONTROLLER, PQCC52 Microcontrollers 8-BIT, UVPROM, 2 MHz, MICROCONTROLLER, CQCC52 Microcontrollers 8-BIT, 2 MHz, MICROCONTROLLER, PDIP56 Microcontrollers 8-BIT, MROM, 2 MHz, MICROCONTROLLER, PQFP64 Microcontrollers 8-BIT, UVPROM, 3 MHz, MICROCONTROLLER, CQCC52 POT 20K OHM 1/2 SQ CERM SL MT 8-BIT, MROM, 2 MHz, MICROCONTROLLER, PQFP64 POT 2.0K OHM 1/2 SQ CERM SL MT 8-BIT, MROM, 3 MHz, MICROCONTROLLER, PQCC52 56 PF 2% 50V NPO (0805) CHIP CAP 8-channel, 8-bit analog-to-digital (A/D) converter
|
MOTOROLA INC Motorola Mobility Holdings, Inc. Motorola, Inc.
|
PIC16C63T-10/SO PIC16C63T-04/SO PIC16C63T-04E/SO P |
8-BIT, OTPROM, 4 MHz, RISC MICROCONTROLLER, PQFP44 8-BIT, OTPROM, 20 MHz, RISC MICROCONTROLLER, PDSO18 8-BIT, OTPROM, 4 MHz, RISC MICROCONTROLLER, PDIP28 8-BIT, OTPROM, 10 MHz, RISC MICROCONTROLLER, PDSO28 8-BIT, OTPROM, 4 MHz, RISC MICROCONTROLLER, PDSO28 8-BIT, OTPROM, 20 MHz, RISC MICROCONTROLLER, PQFP44 10 X 10 MM, PLASTIC, MQFP-44 8-BIT, OTPROM, 10 MHz, RISC MICROCONTROLLER, PQFP44 10 X 10 MM, PLASTIC, MS-026, TQFP-44 PIC16C6X Datasheet 8-BIT, OTPROM, 10 MHz, RISC MICROCONTROLLER, PQCC44 8-BIT, MROM, 20 MHz, RISC MICROCONTROLLER, PDIP28 MICROCONTROLLER|8-BIT|PIC CPU|CMOS|SOP|18PIN|PLASTIC 单片机| 8位|知情同意的CPU |的CMOS |专科| 18PIN |塑料 Microcontroller 微控制器 Zero Drift High Side Current Sense Amplifier; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C Single/Dual/Quad 60MHz, 20V/µs Low Power, Rail-to-Rail Input and Output Precision Op Amp; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C White LED Driver in SC70 with Integrated Schottky; Package: SC70; No of Pins: 8; Temperature Range: -40°C to 125°C Full-Featured LED Driver with 1.5A Switch Current; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 125°C Triple Output LED Driver; Package: QFN; No of Pins: 28; Temperature Range: -40°C to 125°C MICROCONTROLLER|8-BIT|PIC CPU|CMOS|DIP|40PIN|PLASTIC MICROCONTROLLER|8-BIT|PIC CPU|CMOS|QFP|44PIN|PLASTIC MICROCONTROLLER|8-BIT|PIC CPU|CMOS|DIP|40PIN|CERAMIC MICROCONTROLLER|8-BIT|PIC CPU|CMOS|LDCC|44PIN|PLASTIC Photoflash Capacitor Chargers with Automatic Refresh; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 125°C Micropower, Dual and Quad, Single Supply, Precision Op Amps; Package: SO; No of Pins: 14; Temperature Range: -40°C to 85°C
|
Black Box, Corp. Microchip Technology, Inc. Renesas Electronics, Corp. ITT, Corp. 电流感应放大
|
|